PART |
Description |
Maker |
RN49A1 |
Transistor Silicon PNP NPN Epitaxial Type (PCT process) (Bias Resistor built-in Transistor) Switching, Inverter Circuit, Interface Circuit and Driver Circuit Applications. TOSHIBA Transistor Silicon PNP ・ NPN Epitaxial Type
|
Toshiba Semiconductor
|
2SA2056 |
TOSHIBA Transistor Silicon PNP Epitaxial Type
|
TOSHIBA[Toshiba Semiconductor]
|
RN2511 RN2510 |
TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT Process)
|
TOSHIBA[Toshiba Semiconductor]
|
RN2313 RN2312 |
TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT Process)
|
TOSHIBA[Toshiba Semiconductor]
|
RN2911 RN2910 |
TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT Process)
|
TOSHIBA[Toshiba Semiconductor]
|
2SB798 2SB798-T2 2SB798-T1 2SB794L 2SB798DK-AZ 2SB |
1000 mA, 25 V, PNP, Si, SMALL SIGNAL TRANSISTOR MINIMOLD PACKAGE-3 TRANSISTOR | BJT | PNP | 60V V(BR)CEO | 1.5A I(C) | TO-126 PNP SILICON EPITAXIAL TRANSISTOR POWER MINI MOLD Silicon transistor
|
IRC Advanced Film NEC[NEC]
|
Q62702-F1063 BFT93 |
PNP Silicon RF Transistor for broadba... PNP Silicon RF Transistor (For low distortion broadband amplifiers up to 1 GHz at collector currents from 2mA up to 20mA) UHF BAND, Si, PNP, RF SMALL SIGNAL TRANSISTOR, TO-236 From old datasheet system
|
SIEMENS AG SIEMENS[Siemens Semiconductor Group] Infineon http://
|
RN2112FT RN2113FT |
IGBT Modules up to 600V Dual; Package: PG-LQFP-64; Max Clock Frequency: 40.0 MHz; SRAM (incl. Cache): 8.0 KByte; CAN Nodes: 2; A / D input lines TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT process) (Bias Resistor built-in Transistor)
|
Toshiba Corporation TOSHIBA[Toshiba Semiconductor]
|
RN4607 |
Transistor PNP Epitaxial Type (PCT Process) Silicon PNP Epitaxial Type (PCT Process) Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT Process) Silicon NPN Epitaxial Type (PCT Process)
|
TOSHIBA[Toshiba Semiconductor]
|
RN4608 |
Transistor PNP Epitaxial Type (PCT Process) Silicon PNP Epitaxial Type (PCT Process) Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT Process) Silicon NPN Epitaxial Type (PCT Process)
|
Toshiba Semiconductor
|
RN4603 |
Transistor PNP Epitaxial Type (PCT Process) Silicon PNP Epitaxial Type (PCT Process) Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT Process) Silicon NPN Epitaxial Type (PCT Process)
|
Toshiba Semiconductor
|
2SA1742 2SA1742K 2SA1742-K |
7 A, 60 V, PNP, Si, POWER TRANSISTOR Silicon powor transistor PNP SILICON EPITAXIAL TRANSISTOR FOR HIGH-SPEED SWITCHING 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset
|
NEC[NEC]
|